Part Number Hot Search : 
UPB428C RB520 20680 CXA1219M MJE13007 AN440 74AUP1 61713
Product Description
Full Text Search
 

To Download ZCSC-8-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER SPLITTERS/COMBINERS
8 WAY-0
10 kHz to 1000 MHz
50&75
SURFACE MOUNT
JCPS-8
PSC-8
PSC-8A
MODEL NO.
NEWu un un u JCPS-8-10 JCPS-8-10-75 JCPS-8-850-75 JCPS-8-850 PSC-8-1 PSC-8-1W n PSC-8-1-75 < PSC-8-6 PSC-8A-4 n PSC-8A4-75
FREQ. RANGE MHz
fL-fU 5-1000 5-1000 10-850 10-850 0.5-175 10-600 0.5-175 0.01-10 5-500 1-300
ISOLATION dB
INSERTION LOSS, dB Above 9dB
MJ Typ. Max. 1.2 1.0 1.0 1.0 0.8 1.2 0.6 0.5 1.0 0.7 2.2 2.5 2.0 2.5 1.2 2.2 1.1 1.0 1.8 1.1 U Typ. Max. 1.8 1.8 1.8 1.8 1.0 1.7 0.7 0.6 1.4 0.9 3.0 3.0 3.0 3.0 1.6 2.8 1.3 1.1 2.5 1.3
PHASE UNBALANCE Degrees
L MJ U Max. Max. Max. 5 3 -- 5 1.0 2.0 1.0 4.0 3.0 1.0 10 8 -- 10 15 10 -- 15
AMPLITUDE UNBALANCE dB
L Max. 1.0 0.4 0.6 0.6 0.2 0.3 0.2 0.4 0.2 0.2 MJ U Max. Max. 0.7 0.5 0.7 0.7 0.3 0.6 0.2 0.2 0.3 0.2 1.3 1.3 1.0 1.0 0.5 0.9 0.3 0.3 0.5 0.4
CASE STYLE
L MJ U L Typ. Min. Typ. Min. Typ. Min. Typ. Max. 34 34 34 34 30 25 25 40 25 26 20 20 20 20 25 20 20 20 20 20 22 25 25 25 30 23 30 40 23 30 16 15 15 17 20 16 20 25 18 25 20 20 20 20 25 20 25 28 20 30 15 13 15 15 18 16 20 23 15 23 0.5 0.8 0.7 0.8 0.8 1.0 0.5 0.3 0.7 0.8 1.5 1.5 1.5 1.5 1.2 1.8 1.0 1.0 1.2 1.2
Note B BG291 BG291 BG291 BG291 C07 C07 C07 C07 E10 E10
C O N N E C T I O N
PRICE $
Qty. (1-9) 39.95 71.95 69.95 69.95
hn hn hn hn
2.5 5.0 4.0 10.0 2.5 2.5 5.0 4.0
bp 74.95 bp 109.95 bp bp 78.95 93.95
8.0 16.0 3.0 8.0
bq 103.95 br 93.95
L = low range [fL to 10 fL]
M = mid range [10 fL to fU/2]
U = upper range [fU/2 to fU]
see suggested PCB layouts: PL-037 for JCPS models (50) PL-074 for JCPS models (75)
NOTES:
u o * ** *** < n J v A. B. C. 1. Aqueous washable Non-hermetic VSWR, input 1.06:1 typical, 1.2:1 max; output 1.17:1 typical, 1.35:1 max VSWR, input 1.22:1 typical, 1.5:1 max; output 1.11:1 typical, 1.30:1 max VSWR, input 1.25:1 typical, 1.8:1 max; output 1.10:1 typical 1.40:1 max Below 0.1 MHz power handling decrease as to typically 15 dBm at 0.01 MHz, 23 dBm at 0.025 MHz, and 29 dBm at 0.05 MHz. Denotes 75 Ohm model, for coax connector models 75 Ohm BNC connectors are standard. When specification for only M range given, specification applies to entire frequency range. Available only with SMA connectors. General Quality Control Procedures, Environmental Specifications, Hi-Rel and MIL description are given in General Information (Section 0). Connector types and case mounted options, case finishes are given in section 0, see "Case styles & Outline Drawings". Prices and specifications subject to change without notice. Absolute maximum power, voltage and current ratings: 1a. Matched power rating, Models ZB8PD, ZC8PD .................................. 10 Watt Model JCPS-8-10 ........................................... 0.5 Watt All other models, ........................................... 1 Watt 1b. Internal load dissipation, Model ZC8PD1 ............................................. 2 Watt Models JCPS-8-850/75, JCPS-8-10 ............... 0.875 Watt ZB8PD, ZC8PD ................................................ 0.875 Watt All other models, ........................................... 0.62 Watt
Mini-Circuits
138
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
ISO 9001 CERTIFIED
020729
Mini-Circuits
Surface Mount t, Plug-In & Coaxial 500 kHz to 8.4 GHz
(R)
ZC8PD ZC8PD1
ZCSC-8
ZB8PD
ZFSC-8
MODEL NO.
ZC8PD-900* NEW ZC8PD1-10 ZCSC-8-1 n n n n ZFSC-8-1 ZFSC-8-1-75 ZFSC-8-4-75 ZFSC-84-75 ZFSC-8375 ZFSC-8-4 ZFSC-8-43 ZB8PD-1** ZB8PD-2 ZB8PD-4 v ZB8PD-6.4 ZB8PD-8.4 ZB8PD-2000*** n ZB8PD-22-75
FREQ. RANGE MHz
fL-fU 800-900 300-1000 2-250 0.5-175 0.5-175 5-1000 1-300 50-90 5-700 10-1000 800-960 1000-2000 2000-4200 5600-6800 7200-8400 800-2000 950-2200 37 30 25 35 26 30 35 23 27 25 20 20 20 25 20 20
ISOLATION dB
L MJ Typ. Min. Typ. Min. 30 27 30 30 30 25 30 30 25 25 30 24 23 26 25 26 24 20 17 20 20 20 16 25 25 17 20 20 17 16 18 20 18 16 24 25 25 20 30 25 20 26 18 18 20 15 23 25 17 20
INSERTION LOSS, dB Above 9dB
U Typ. Max.
PHASE UNBALANCE Degrees
L MJ U Max. Max. Max. 5.0 8.0
AMPLITUDE UNBALANCE dB
L MJ U Max. Max. Max. 0.4 0.7
CASE STYLE
U L MJ Typ. Min. Typ. Max. Typ. Max. 0.4 0.6 0.65 1.2 0.8 0.5 0.4 0.8 1.0 0.8 1.0 1.2 1.0 1.0 1.5 1.0 1.2 1.6 0.8 0.8 0.6 0.6 0.7 1.0 1.2 1.4 0.4 0.8 0.8 0.8 0.9 0.8 0.7 0.7 1.4 1.2 1.2 1.1 1.6 1.1 1.3 1.8 2.1 0.9 1.3 1.8 1.7 1.6 1.7 1.6
Note B AB186 DE749
C O N N E C T I O N
PRICE $
Qty. (1-9) 158.95 169.95 119.95 99.95 102.95 139.95 119.95 119.95 128.95 138.95 138.95 138.95 138.95 138.95 149.95 149.95 189.95
-- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- --
1.0 1.0 0.7 1.6 0.9 1.3 1.8 2.1
1.6 1.6 1.3 2.7 1.5 1.3 2.5 2.9
2.0 1.0 1.0 2.0 4.0 2.0 2.0 5.0
4.0
8.0
0.2 0.2 0.2 0.3 0.2 0.2 0.2 0.4
0.3 0.2 0.3 0.5 0.2 0.2 0.4 0.4 0.4 0.8 1.2 0.7 0.8 0.7 0.7
0.5 0.3 0.5 1.2 0.4 0.2 0.7 0.7
UU215 R29 R29 R29 R29 R29 R29 R29 Z41 Z41 Z41 Z41 Z41 Z41 Z41
2.5 5.0 2.5 5.0 7.0 13.0 3.0 8.0 2.0 2.0 5.0 15.0 10.0 20.0 8.0 18.0 10.0 15.0 15.0 -- --
L = low range [fL to 10 fL]
M = mid range [10 fL to fU/2]
U = upper range [fU/2 to fU]
pin connections
see case style outline drawings for pin locations PORT SUM PORT PORT 1 PORT 2 PORT 3 PORT 4 PORT 5 PORT 6 PORT 7 PORT 8 GND EXT. CASE GND NOT USED DEMO BOARD bp 2 1 5 9 13 16 12 8 4 3,6,7,14,15 3,6,7,14,15 10,11 -- bq 29 7 16 31 24 9 2 26 17 -- all other pins 4,5,15 -- br 29 7 16 31 24 9 2 26 17 -- all other pins 15 -- hn 1 3 4 5 6 9 10 11 12 2,7,8,13,14 2,7,8,13,14 -- TB-134 (50) TB-136 (75)
NSN GUIDE
MCL NO.
PSC-8-1 ZB8PD-1(N) ZB8PD-2 (SMA) ZB8PD-4(SMA) ZCSC-8-1 ZFSC-8-1 ZFSC-8-1(BNC) ZFSC-8-1(SMA) ZFSC-8-1-75 ZFSC-8-43(SMA) ZFSC-8375
NSN
6625-01-365-5615 5985-01-482-9739 5895-01-499-6724 5985-01-372-8880 5895-01-495-8803 5895-01-495-8803 5820-01-136-7244 6620-01-223-1235 5895-01-326-8664 6625-01-333-1125 5895-01-229-0156
The Design Engineers Search Engine
Provides Actual Data Instantly At: http://www.minicircuits.com
In Stock... Immediate Delivery
For Custom Versions Of Standard Models Consult Our Applications Dept.
139
030610


▲Up To Search▲   

 
Price & Availability of ZCSC-8-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X